Part Number Hot Search : 
GJ3669 25N06 PC745 60R110XU IDT74 M2110 OP27GJ 166HGD
Product Description
Full Text Search
 

To Download CRS1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRS12
TOSHIBA Schottky Barrier Diode
CRS12
Switching Mode Power Supply Applications (Output voltage: 12 V) DC/DC Converter Applications
* * * * Forward voltage: VFM = 0.58 V (max) Average forward current: IF (AV) = 1.0 A Repetitive peak reverse voltage: VRRM = 60 V Suitable for compact assembly due to small surface-mount package "S-FLATTM" (Toshiba package name) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Repetitive peak reverse voltage Average forward current Non-repetitive peak surge current Junction temperature Storage temperature range Symbol VRRM IF (AV) IFSM Tj Tstg Rating 60 1.0 (Note 1) 20 (50 Hz) -40~150 -40~150 Unit V A A C C
Note 1: Ta = 73C Device mounted on a ceramic board Board size: 50 mm x 50 mm Soldering size: 2 mm x 2 mm Board thickness: 0.64 t Rectangular waveform ( = 180), VR = 30 V
JEDEC JEITA TOSHIBA
3-2A1A
Weight: 0.013 g (typ.) Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25C)
Characteristics Peak forward voltage Peak repetitive reverse current Junction capacitance Symbol VFM (1) VFM (2) IRRM (1) IRRM (2) Cj Test Condition IFM = 0.7 A (pulse test) IFM = 1.0 A (pulse test) VRRM = 5 V (pulse test) VRRM = 60 V (pulse test) VR = 10 V, f = 1.0 MHz Device mounted on a ceramic board (board size: 50 mm x 50 mm) (soldering land: 2 mm x 2 mm) (board thickness: 0.64 t) Thermal resistance (junction to ambient) Rth (j-a) Device mounted on a glass-epoxy board (board size: 50 mm x 50 mm) (soldering land: 6 mm x 6 mm) (board thickness: 1.6 t) Device mounted on a glass-epoxy board (board size: 50 mm x 50 mm) (soldering land: 1.2 mm x 1.2 mm) (board thickness: 1.6 t) Thermal resistance (junction to lead) Rth (j-) Min Typ. 0.48 0.52 0.4 4.0 40 Max 0.58 100 70 Unit V A pF
140
C/W
240
20
C/W
1
2006-11-13
CRS12
Marking
Abbreviation Code SB Part No. CRS12
Standard Soldering Pad
Unit: mm 1.2 1.2 2.8
Handling Precaution
1) Schottky barrier diodes have reverse current characteristic compared to other diodes. There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage. Please take forward and reverse loss into consideration during design. The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded during operation, even for an instant. The followings are the general derating method that we recommend when you design a circuit with a device. VRRM: Use this rating with reference to (1) above. VRRM has a temperature coefficient of(0.1%/C. Take this temperature coefficient into account designing a device at low temperature. IF (AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF (AV) and Tj bebelow 120C. When using this device, take the margin into consideration by using an allowable Tamax-IF (AV) curve. IFSM: This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which seldom occurs during the lifespan of the device. Tj: Derate this rating when using a device in order to ensure high reliability. We recommend that a device be used at a Tj of below 120C. 3) Thermal resistance between junction and ambient fluctuates depending on the device's mounting condition. When using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value. Please refer to the Rectifiers databook for further information.
2)
4)
2
2006-11-13
CRS12
iF - vF
10 0.8 Pulse test
PF (AV) - IF (AV)
DC 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 0 360 Conduction angle = 60 Rectangular waveform 120 180
iF (A)
Instantaneous forward current
Tj = 150C 1 125C
75C 0.1 25C
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
Average forward power dissipation PF (AV) (W)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous forward voltage vF
(V)
Average forward current
IF (AV)
(A)
T max - IF (AV)
160 160 140 120 100 80 60 40 0 360
Ta max - IF (AV)
Device mounted on a ceramic board: board size: 50 mm x 50 mm Soldering land: 2 mm x 2 mm board thickness: 0.64 t
Maximum allowable lead temperature T max (C)
120 100 80 60 40 0 360 = 60 120 180 DC
Rectangular waveform
Maximum allowable temperature Ta max (C)
140
Rectangular waveform
= 60
120
180
DC
IF (AV) 20 Conduction angle VR = 30 V 0 0 0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
IF (AV) 20 Conduction angle VR = 30 V 0 0 0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
Average forward current
IF (AV)
(A)
Average forward current
IF (AV)
(A)
rth (j-a) - t
1000 Device mounted on a glass-epoxy board: board size: 50 mm x 50 mm Soldering land: 1.2 mm x 1.2 mm board thickness: 1.6 t
Transient thermal impedance rth (j-a) (C/W)
300
100
30
10 Device mounted on a ceramic board: board size: 50 mm x 50 mm Soldering land: 2.0 mm x 2.0 mm board thickness: 0.64 t 0.01 0.1 1
Device mounted on a glass-epoxy board: board size: 50 mm x 50 mm Soldering land: 6.0 mm x 6.0 mm board thickness: 1.6 t
3
1 0.001
10
100
1000
Time t (s)
3
2006-11-13
CRS12
Surge forward current Cj - V R
500 300
(typ.)
32
(non-repetitive) IFSM (A)
Ta = 25C f = 50 Hz
Ta = 25C
Cj (pF)
f = 1 MHz
28 24 20 16 12 8 4 0 1
100
50 30
10 1
3
5
10
30
50
100
Peak surge forward current
Junction capacitance
Reverse voltage
VR
(V)
3
5
10
30
50
100
Number of cycles
IR - Tj
10 Pulse test 1
(typ.)
0.20 Rectangular waveform 360
PR (AV) - VR
0 0.16 VR 0.12 Conduction angle Tj = 125C 0.08 120 0.04 = 60 300 240 180
(typ.)
48 V 0.1 30 V 0.01 10 V 0.001 VR = 5 V 20 V 40 V
Average reverse power dissipation PR (AV) (W)
(mA)
DC
Reverse current IR
0.0001 0
20
40
60
80
100
120
140
160
0 0
6
12
18
24
30
36
42
48
Junction temperature Tj
(C)
Reverse voltage
VR
(V)
4
2006-11-13
CRS12
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2006-11-13


▲Up To Search▲   

 
Price & Availability of CRS1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X